PART |
Description |
Maker |
BC546 BC547 BC548 BC546B BC547C |
100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Silicon Planar Epitaxial Transistors 100 mA, 65 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 TO-92, 3 PIN 100 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Rectron Semiconductor RECTRON LTD
|
MM3006 MM5416 MM4001 MM421 BSY52 BSY53 BSY54 BSY56 |
Small Signal Transistors 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 150 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
DDTC144ELP DDTC144ELP-7 |
PRE-BIASED (R1=R2) SMALL SIGNAL SURFACE MOUNT 100mA NPN TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated
|
DTC143ZG-T92-K DTC143ZG-T92-B DTC143ZG-T9S-K |
100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 HALOGEN FREE PACKAGE-3 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 HALOGEN FREE, TO-92SP, 3 PIN
|
Unisonic Technologies Co., Ltd.
|
DCX114EH DCX114TH DCX123JH DCX143EH-7 DCX124EH DCX |
COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC PACKAGE-6 Prebiased Transistors
|
Diodes Incorporated Diodes, Inc.
|
MPS6517 MPS3710 MPS6507 |
100 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PLASTIC PACKAGE-3 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 TO-92, 3 PIN Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-92
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
DDTC114TKA DDTC114TKA-7 DDTC124TKA DDTC124TKA-7 DD |
NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. DIODES[Diodes Incorporated]
|
BC108PM1TC BC108PM1TA ZTX108STOB ZTX237M1TA ZTX237 |
200 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR TO-92 STYLE, E-LINE PACKAGE-3 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR 200 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Zetex Semiconductor PLC Diodes, Inc. ZETEX PLC
|
2SD756DTZ 2SD755ETZ |
50 mA, 120 V, NPN, Si, SMALL SIGNAL TRANSISTOR TO-92MOD, 3 PIN 50 mA, 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Microsemi, Corp.
|
2N5210NMBU |
NPN General Purpose Amplifier; Package: TO-92; No of Pins: 3; Container: Bulk 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
|